Part Number Hot Search : 
2N7002 AN179 CXX0G AT25F SSD25 54240 C2412 HA1315
Product Description
Full Text Search
 

To Download PL16N-WDRGB190602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL16 Series 5mm (T13/4) Full Color (RGB) LED
Features
*Popular 5mm Lens Style with Flange *Four Leads with Common Cathode *Water Clear Lens for High Light Output *1.27mm (0.05") lead spacing *Hyper Red, Pure Green and Blue Chips used (RGB) *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation (Red).................................................................................. 72mW Power Dissipation (Green & Blue)...................................................................... 80mW Reverse Voltage (<100A) ................................................................................... 5.0V Max Forward Current ...................................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ................................................100mA Operating Temperature Range ............................................................... - 25C to +85C Storage Temperature Range ................................................................ - 40C to +100C Soldering Temperature (1.6mm below body) ............................................... 260C for 5 seconds Electrostatic Discharge (Green & Blue).................................................................. 300V
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL16N-WDRGB190602 Red Pure Green Blue AlGaInP InGaN InGaN Emitting Color Chip Material Peak Wave Length nm 639 -- 468 Dominant Viewing Angle Wave Length 2 1/2 nm 630 520 470 Deg 40 Forward Voltage @20mA (V) Typ 1.9 3.2 3.2 Max 2.4 4.0 4.0 Luminous Intensity @20mA (mcd) Min 250 550 300 Typ 450 950 500
All dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
1) Red Anode 2) Common Cathode 3) Blue Anode 4) Green Anode
10-18-06 Rev 1 RS


▲Up To Search▲   

 
Price & Availability of PL16N-WDRGB190602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X